Part Number Hot Search : 
ADR431A SM4002 DG412DYZ 21173E G3U1086 3EQHM53 345042 1N5226
Product Description
Full Text Search
 

To Download SJ78M06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SJ78M06 3-terminal positive voltage regulator elektronische bauelemente 23-mar-2012 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen and lead-free description the SJ78M06 series of three-terminal positive regul ators are available in the to-252 package and with 6v fix ed output voltage, making it useful in a wide range of applic ations. this regulator can provide local on-card regulation , eliminating the distribution problems associated with single po int regulation. it employs internal current limiting, thermal shut- down and safe operating area protection, making it essen tially indestructible. if adequate heat sinking is provide d, they can deliver over 0.5a output current. although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages a nd currents. package information package mpq leader size to-252 2.5k 13 inch typical application absolute maximum ratings parameter symbol ratings unit input voltage v in 25 v operating temperature range t j 0~125 c storage temperature range t stg -65~150 c to-252 a c d n o p g e f h k j m b ref. millimeter ref. millimeter min. max. min. max. a 6. 4 6.8 j 2.30 ref. b 5.20 5.50 k 0.70 0.90 c 2.20 2.40 m 0.50 1.1 d 0.45 0.58 n 0.9 1. 6 e 6.8 7.3 o 0 0.15 f 2.40 3.0 p 0.43 0.58 g 5.40 6.2 h 0. 8 1.20
SJ78M06 3-terminal positive voltage regulator elektronische bauelemente 23-mar-2012 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (refer to the test circuits, t a =25c, i o =350ma, v in =11v, c in =0.33 f, c o =0.1 f unless otherwise specified) symbol test conditions min typ max unit v o 5.75 6 6.25 v 8v v Q in 2 Q 1v, 5ma i Q o 350ma, Q p o Q 15w 5.7 6 6.3 ? v o (line regulation) 8v v Q in 25v, i Q o =200ma - 5 100 mv 9v v Q in Q 25v, i o =200ma - 1.5 50 ? v o (load regulation) 5ma i Q o 500ma Q - 18 120 mv 5ma i Q o 200ma Q - 10 60 i q - 4.3 6 ma i q 5ma i Q o 350ma Q , t a =0c ~125c - - 0.5 ma 9v v Q in 25v, i Q o =200ma, t a =0c ~125c - - 0.8 v n 10hz f 100khz Q Q - 45 - v rr 9v v Q in 1 Q 9v, f=120hz, i o =300ma, t a =0c ~125c 59 80 - db v d i o =350ma - 2 - v i sc v in =11v - 270 - ma i pk - 500 - ma


▲Up To Search▲   

 
Price & Availability of SJ78M06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X